Part Number Hot Search : 
CS1205 01524 CTS10U C3216 DSDX10 2SC13 012HS BD4731G
Product Description
Full Text Search
 

To Download NTE1373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1373 Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
Description: The NTE1373 is an integrated circuit designed for use as a 7.5W (16W, 4) power amplifier output with low noise and low distortion suitable for TV sets with multi-sound. Stereo operation is possible due to incorporating two amplifiers on one 12-Lead SIP type chip. Features: D Built-In Protection Circuits (Surge, Thermal Protection, etc.) D Automatic Operating Point Stabilizer Circuit D Low Distortion, Low 1/f Noise D Low Shock Noise from Power ON/OFF Operation D Better Channel Separation D Few External Components Required Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC Note 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Note 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Supply Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Power Dissipation (TA = +45C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30W Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. Without signal VCC = 24V (For non-stabilized supply) Note 2. Operation VCC = 20V (For stabilized supply) Electrical Characteristics: (TA = +25C, VCC = 13.2V, RL = 4, f = 1kHz unless otherwise specified)
Parameter Quiescent Curcuit Current Voltage Gain Symbol ICQ GV Vi = 0 VCC = 16V, RL = 8, Vi = 0 Vi = 3mV VCC = 16V, RL = 8, Vi = 4mV Test Conditions Min 40 40 52 53 Typ 70 80 54 54 Max 120 150 56 56 Unit mA mA dB dB
Electrical Characteristics (Cont'd): (TA = +25C, VCC = 13.2V, RL = 4, f = 1kHz unless otherwise specified)
Parameter Output Power Symbol PO Test Conditions THD = 10% VCC = 16V, THD = 10% VCC = 16V, RL = 8, THD = 10% Total Harminic Distortion Output Noise Voltage Channel Balance Channel Separation Ripple Rejection Crosstalk THD Vno CB Sep RR CT Vi = 3mV VCC = 16V, RL = 8, Vi = 4mV Rg = 10k VCC = 16V, RL = 8, Rg = 10k Vi = 3mV Vi = 3mV f = 60Hz, Rg = 600 VCC = 16V, Rl = 8, Vi = 4mV, Rg = 10k
Pin Connection Diagram (Front View)
Min 4.8 - 4.0 - - - - - 45 - 45
Typ 5.5 7.5 4.5 0.15 0.1 1 1 0 50 40 -
Max - - - 1.0 1.0 3 3 1 - - -
Unit W W W % % mV mV dB dB dB dB
12 Ripple Filter 11 Ch 2 Output 10 GND 9 Ch 2 Input 8 NFB Ch 2 7 Bootstrap Ch 2 6 Bootstrap Ch 1 5 NFB Ch 1 4 Ch 1 Input 3 GND 2 Ch 1 Output 1 VCC
1.181 (30.0) .945 (24.0) .185 (4.7)
140 (3.56) .310 (7.87)
.591 (15.0)
1
12
.295 (7.5) Min
.100 (2.54) Typ 1.200 (30.5) .106 (2.7)


▲Up To Search▲   

 
Price & Availability of NTE1373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X